Part Number Hot Search : 
MBD101 1N5397GP SM9501A M51785 MEGA16U 0310505 EVALZ C1024
Product Description
Full Text Search
 

To Download MBRF15150CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRF1535CT - MBRF15150CT
Isolated 15.0 AMPS. Schottky Barrier Rectifiers ITO-220AB
Features
Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for transient protection High temperature soldering guaranteed: 260oC/10 seconds,0.25"(6.35mm)from case
Mechanical Data
Cases: ITO-220AB molded plastic body Terminals: Pure tin plated, lead free.. solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 5 in. - lbs. max Weight: 0.08 ounce, 2.24 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics o
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol MBRF MBRF MBRF MBRF MBRF MBRF MBRF Units Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current o at TC=105 C Peak Repetitive Forward Current (Rated VR, Square Wave, 20KHz) at Tc=105oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse Surge Current (Note 1) Maximum Instantaneous Forward Voltage at (Note 2) IF=7.5A, Tc=25oC IF=7.5A, Tc=125oC IF=15A, Tc=25oC IF=15A, Tc=125oC Maximum Instantaneous Reverse Current @ Tc=25 C at Rated DC Blocking Voltage (Note 2) @ Tc=125 OC Voltage Rate of Change (Rated VR) Maximum Thermal Resistance Per Leg (Note 3) Operating Junction Temperature Range Storage Temperature Range
O
VRRM VRMS VDC I(AV) IFRM IFSM IRRM VF IR dV/dt
RJC TJ TSTG
1535 CT 35 24 35
1545 CT 45 31 45
1550 CT 50 35 50
1560 CT 60 42 60
15 15.0 150
1590 15100 15150 CT CT CT 90 100 150 63 70 105 90 100 150
V V V A A A
1.0
0.57 0.84 0.72 0.75 0.65
0.5
0.92 0.82 0..95 0..92
A V mA mA V/uS
o
0.5 10
0.3 7.5 10,000 3.5 -65 to +150
0.1 5.0
Notes:
-65 to +175 1. 2.0us Pulse Width, f=1.0 KHz 2. Pulse Test: 300us Pulse Width, 1% Duty Cycle 3. Thermal Resistance from Junction to Case with Heatsink size of 2 in x 3 in x 0.25 in Al-Plate.
C/W o C o C
Version: A06
RATINGS AND CHARACTERISTIC CURVES (MBRF1535CT THRU MBRF15150CT)
FIG.1- FORWARD CURRENT DERATING CURVE
25 300
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
PEAK FORWARD SURGE CURRENT. (A)
Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method
AVERAGE FORWARD CURRENT. (A)
20
RESISTIVE OR INDUCTIVE LOAD
250
200 150
15
10
100
5
50
0
0
50 100 o CASE TEMPERATURE. ( C)
150
0 1 10 NUMBER OF CYCLES AT 60Hz 100
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
40
50
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
Tj=125 0C
10
INSTANTANEOUS FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. (mA)
10
Tj=125 0C 1
Pulse Width=300 s 1% Duty Cycle 1 Tj=25 0C
0.1
Tj=75 0C
0.1
MBRF1535CT-MBRF1545CT MBRF1550CT-MBRF1560CT MBRF1590CT-MBRF15150CT
MBRF1535CT-MBRF1545CT MBRF1550CT-MBRF15150CT
0.01
Tj=25 0C 0.001
0.01 0
0.1
0.2
0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 FORWARD VOLTAGE. (V)
0
20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
4,000
FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTICS PER LEG
100
1,000
TRANSIENT THERMAL IMPEDANCE. ( OC/W)
100
JUNCTION CAPACITANCE.(pF)
Tj=25 C f=1.0MHz Vsig=50mVp-p
0
10.0
100
1
40 MBRF1535CT-MBRF1560CT MBRF1590CT-MBRF15150CT 10 0.1 1.0 10 REVERSE VOLTAGE. (V)
0.1 0.01
0.1
1 T, PULSE DURATION. (sec)
10
100
Version: A06


▲Up To Search▲   

 
Price & Availability of MBRF15150CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X